PART |
Description |
Maker |
IDT72413L45SO IDT72413L45SOB IDT72413L25D IDT72413 |
Current-Mode PWM Controller 14-SOIC 0 to 70 CMOS并行64 × 5位标志位的FIFO High-Performance Current-Mode PWM Controller 8-PDIP 0 to 70 CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
UC3842 UC3842D UC3842N UC3843D UC3843N UC2845D UC2 |
CURRENTMODE PWM CONTROLLER Current Mode PWM Controller(?垫?妯″?PWM?у??? CURRENTMODE PWM CONTROLLER 电流模式的PWM控制 (UC3842 - UC3845) CURRENTMODE PWM CONTROLLER (UC2843 / UC2844 / UC2845) CURRENTMODE PWM CONTROLLER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
NCP1207 NCP1207/D |
PWM Current-Mode Controller for Quasi-Resonant Operation PWM电流模式控制器准谐振操作 IC,SMPS CONTROLLER,CURRENT-MODE,CMOS,DIP,8PIN,PLASTIC
|
ON Semiconductor
|
SG3842D SG3842DM SG3842J SG3842M SG3842N SG3842Y S |
CURRENT MODE PWM CONTROLLER 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 CURRENT MODE PWM CONTROLLER 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP8 CURRENT MODE PWM CONTROLLER 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP14 CURRENT MODE PWM CONTROLLER 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, CDIP8
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] N.A.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
IMP38C42_D IMP38C42EMA IMP38C42EPA IMP38C42EPD IMP |
BiCMOS Current-Mode PWM Controllers BiCMOS Cur BiCMOS Curr rent-Mode ent-Mode PWM Contr PWM Controller ollers s From old datasheet system BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode External Plug-In Power Supply; Series:FW30; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Input Current:2.50A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No RECTIFIER BRIDGE 1.5A 800V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER STANDARD SINGLE 1A 400V 400 25A-ifsm 3uA-ir 1.1V-vf PowerDI123 3K/REEL 的BiCMOS电流模式PWM控制 RECTIFIER BRIDGE 1.5A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE 的BiCMOS电流模式PWM控制 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, UUC SWITCHING CONTROLLER, PDSO8 0.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO8
|
IMP[IMP Inc] A1 PROs co., Ltd. IMP[IMP, Inc] IMP Inc IMP INC.
|
MAX1954AEUB-TG05 MAX1954AEUB-TG077 |
Low-Cost, Current-Mode PWM Buck Controller with Foldback Current Limit
|
MAXIM - Dallas Semiconductor
|
FAN6300 FAN6300DZ FAN6300SZ |
SWITCHING CONTROLLER, PDIP8 Highly Integrated Quasi-Resonant Current Mode PWM Controller
|
FAIRCHILD SEMICONDUCTOR CORP
|
FAN6921ML FAN6921MLMY |
Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
|
Fairchild Semiconductor
|
LM3842A08 |
CURRENT MODE PWM CONTROLLER
|
HTC Korea TAEJIN Technology Co.
|
KA388 KA388XD KA388X |
CURRENT MODE PWM CONTROLLER
|
SAMSUNG[Samsung semiconductor]
|
OB2262 |
Current Mode PWM Controller
|
On-Bright
|